Part Number Hot Search : 
IRLI540G 0924H MMBZ5243 IDT72V1 SC2412 CE6353 S10S04MR DF06M
Product Description
Full Text Search
 

To Download OM5321DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM5320ST/RT/DT OM5321ST/RT/DT
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
16 Amp, 400 & 600 Volts, 35 nsec trr
FEATURES
* * * * * * * Small Size Ultra Fast Recovery Soft Recovery Behavior Extremely Low Losses At High Switching Speeds Low IRM Rating Hermetic And Isolated Package Available Screened To MIL-S-19500, TX, TXV, And S-Levels
DESCRIPTION
These soft recovery, high speed rectifiers are ideally suited for high performance in high voltage switching applications. The performance of these rectifiers minimize losses in power conversion and motor control circuits complementing the switching character of power MOSFETs, IGBTs, and bipolar transistors.
ABSOLUTE MAXIMUM RATINGS (Per Leg) TC = 25C Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 & 600 V Maximum Average D.C. Output Current @ TC = 100C . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 A Surge Current (Non-Repetitve 8.3 nsec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95 A Thermal Resistance, Junction-To-Case. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1 C/W Operating and Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . -55C to +150C 3.2 SCHEMATICS
1 2 COMMON ANODE 1
OMXXXXDT 2
Common cathode is standard. Contact factory for performance characteristics for common anode and doubler. Z-Tab package also available.
1
2 COMMON CATHODE
OMXXXXST
3
OMXXXXRT
3 3 DOUBLER
4 11 R0
3.2 - 73
OM5320ST/RT/ST - OM5321ST/RT/ST
ELECTRICAL CHARACTERISTICS (Per Leg)
Type PIV Maximum Forward Voltage @8A Tj = 25 C Tj = 150 C 1.65 V 1.50 V Maximum Reverse Current @ .8x PIV Tj = 25 C Tj = 125 C 60 A 1.5 mA Maximum Reverse Recovery Time 35
OM5320XX OM5321XX
400 600
TURN-OFF CHARACTERISTICS
Symbols Trr IRM Test Conditions IF = 0.5 A; IR = 1 A; TJ = 25C IF = 1 A; di/dt = -15 A/s; VR = 30 V; TJ = 25C VR = 350 V; IF = 8 A L .05 H; TJ = 100C; diF/dt = -64 A/s Min. Typ. 2.5 Max. 35 3.75 Units ns A
DEFINITION OF TURN-OFF CHARACTERISTICS
i,v i dif dt V tfRM Qrr IRM
MECHANICAL OUTLINE WITH PIN CONNECTION
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527
1 2 3
IF O
trr
.150 .140
tf 0.25-VRM dif VR dt 0.9-IR
t
.430 .410 .038 MAX.
.750 .500
.005
.035 .025
.100 TYP.
.120 TYP.
3.2
IR = Reverse Current, mA
TYPICAL REVERSE CURRENT
100 50 TJ = 150C 10 TJ = 125C 5 TJ = 25C 1 20 40 60 80 100 % of VRRM
TYPICAL FORWARD VOLTAGE
IF = Instantaneous Forward Current (Amps) 100 50 30 20 10 5 3 2 1 1.2 1.4 1.6 1.8 TJ = 25C TJ = 125C
VF = Instantaneous Voltage (Volts)
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM5321DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X